Part Number Hot Search : 
UR1105W CPC1727J DHPH201U BR1006 B45197 1N5594B N6068 BD901
Product Description
Full Text Search
 

To Download MN3726AT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ccd area image sensor 1 mn3726ft,MN3726AT 6mm (type-1/3) 512h high-resposivity ccd area image sensors n overview the mn3726ft and MN3726AT are 6mm (type-1/3) interline transfer ccd (it-ccd) solid state image sensor devices. this device uses photodiodes in the optoelectric conver- sion section and ccds for signal read out. the electronic shutter function has made an exposure time of 1/10000 seconds possible. further, this device has the features of high sensitivity, low noise, broad dynamic range, and low smear. this device has a total of 316,528 pixels (542 horizontal 584 vertical) and provides stable and clear images with a resolution of 330 horizontal tv-lines and 420 vertical tv-lines. part number size system color or b/w mn3726ft 6mm(type-1/3) pal color MN3726AT ccir b/w n features total number of pixels: 542 (horizontal) 584 (vertical) high sensitivity low noise broad dynamic range low smear low image lag electronic shutter no image distortion small size enables design of compact equipment high reliability 16-pin dil plastic package n applications compact lightweight camcorders communication television systems door cameras cameras for measurement, and medical use maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
mn3726ft,MN3726AT ccd area image sensor 2 n pin assignments n block diagram photo diode 16 16 5 4 1 3 15 f v4 f v3 f v2 f v1 f r f h2 f h1 og (internal bias) sub pt 14 13 12 10 11 is 9 8 7 2 6 pw gnd (internal connection) (internal bias) lg vo od rd (2 dummies + ob1 + 582 + ob1 + 1 dummy) (2 columns ob + 512 columns valid area + 28 columns ob ) horizontal shift register output section vertical shift register 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 od f r rd vo lg og f h2 f h1 pw f v4 f v3 f v2 f v1 pt (top view) sub is pin no. symbol descriptions 11 pt p-well for protection circuit 12 f v1 vertical shift register clock pulse 1 13 f v2 vertical shift register clock pulse 2 14 f v3 vertical shift register clock pulse 3 15 f v4 vertical shift register clock pulse 4 16 pw p-well pin no. symbol descriptions 1 od output drain 2 f r reset pulse 3 rd reset drain 4 vo video output 5 lg output load transistor gate 6 og output gate 7 f h2 horizontal register clock pulse 2 8 f h1 horizontal register clock pulse 1 9 is horizontal ccd input source 10 sub substrate n pin descriptions maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
ccd area image sensor mn3726ft,MN3726AT 3 n absolute maximum ratings and operating conditions parameter symbol rating operating condition unit min max min typ max reset drain voltage v rd - 0.2 18.0 14.5 15.0 15.5 v output drain voltage v od - 0.2 18.0 14.5 15.0 15.5 v output load transistor v lg supplied internally v gate voltage output gate voltage v og supplied internally v horizontal ccd input source voltage v hs - 0.2 18.0 14.5 15.0 15.5 v protection p-well voltage v pt *2 - 10.0 0.2 f v(l) f v(l) f v(l) v - 1.2 - 1.0 - 0.7 p-well voltage v pw reference voltage ? 0 ? v reset y h-l v f r(h-l) *3 ? 18.0 4.7 5.0 5.3 v pulse voltage bias v f r(bias) *3 - 0.2 ? 0 adjust 5.0 v horizontal register v f h1(h) ? 18.0 4.5 5.0 5.5 v clock pulse voltage 2 v f h1(l) - 0.2 ?- 0.1 0 0.1 horizontal register v f h2(h) ? 18.0 4.5 5.0 5.5 v clock pulse voltage 2 v f h2(l) - 0.2 ?- 0.1 0 0.1 vertical shift register v f v1(h) *2 ? 18.0 14.5 15.0 15.5 v clock pulse voltage 1 v f v1(m) *2 ??- 0.2 0 0.2 v f v1(l) *2 - 9.0 ?- 7.3 - 7.0 - 6.7 vertical shift register v f v2(m) *2 ? 15.0 0.8 1.0 1.2 v clock pulse voltage 2 v f v2(l) *2 - 9.0 ?- 7.3 - 7.0 - 6.7 vertical shift register v f v3(h) *2 ? 18.0 14.5 15.0 15.5 v clock pulse voltage 3 v f v3(m) *2 ??- 0.2 0 0.2 v f v3(l) *2 - 9.0 ?- 7.3 - 7.0 - 6.7 vertical shift register v f v4(m) *2 ? 15.0 0.8 1.0 1.2 v clock pulse voltage 4 v f v4(l) *2 - 9.0 ?- 7.3 - 7.0 - 6.7 substrate voltage v sub *1 - 0.2 45.0 3.0 adjust 13.8 v f v sub *4 ?? 24.5 25.0 25.5 operating temperature t opr - 10 70 ? 25 ? c storage temperature t stg - 30 80 ??? c note )1. standard light input defines standard light input is the one when the exposure is done at a lens aperture of f8, using a light source of 2856 k and 1050 nt, and placing a color temperature conversion filter lb-40 (hoya) and an ir cutting filter caw-500 (t = 2.5 mm) in the light path. y 2. *1: v sub internal settings guarantee blooming at 400 times light input of the standard light input. 3. *2: v pt is set so that the following conditions are set for vl of the vertical shift clock. v pt < = vl 4. *3: 5. *4: v sub when csing electronic shutter function h-l v f r(h) v f r(l) e bias (0 to 5.0v dc) f v sub (v) f v sub "h" f v sub "l" e v sub (v) maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
mn3726ft,MN3726AT ccd area image sensor 4 n graphs of characteristics ccd spectral characteristics (without color filter) color filter spectral characteristics 0 20 400 500 600 700 40 60 80 10 30 50 70 90 100 relative sensitivity (%) wavelength (nm) 0 20 400 500 600 700 40 60 80 10 30 50 70 90 100 transmittance (%) wavelength (nm) y e m g g r c y n optical characteristics color effective s/n saturatio n sensitivity vertical image lag horizontal vertical output f8 smea r resolution resolution part number or pixels y typ typ typ sm typ typ typ b/w h v (db) (mv) (mv) typ( % )( % ) (tv-lines) (tv-lines) mn3726ft color 512 582 ? 900 350 0.002 ? 330 420 MN3726AT b/w 512 582 ? 1,500 500 0.003 ? 360 420 maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
ccd area image sensor mn3726ft,MN3726AT 5 n timing diagram < field a > hd vd blk f v2 f v3 f v4 f v1 620 625 1 5 10 15 20 < field b > hd vd blk f v2 f v3 f v4 f v1 305 310 315 320 325 330 335 maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
mn3726ft,MN3726AT ccd area image sensor 6 n timing diagram (continued) hd blk f h1 f h2 f r f h1 f h2 f r 0t 45t 178t 2t ? 104 ns t ? 51.8 ns maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
ccd area image sensor mn3726ft,MN3726AT 7 n package dimensions (unit  mm) wdip016-p-0500c (0.77) (0.60) 14.00 0.08 11.40 0.10 7.00 0.08 0.46 0.05 3.40 0.15 1.30 0.10 3.90 0.20 (0.80) (1.30) 12.70 0.25 6.20 0.08 11.40 0.10 12.40 0.08 0.25 0.05 1.78 0.46 m 0.015 18 16 9 reference plane valid pixel center maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
request for your special attention and precautions in using the technical information and semiconductors described in this book (1) if any of the products or technical information described in this book is to be exported or provided to non-residents, the laws and regulations of the exporting country, especially, those with regard to security export control, must be observed. (2) the technical information described in this book is intended only to show the main characteristics and application circuit examples of the products, and no license is granted under any intellectual property right or other right owned by our company or any other company. therefore, no responsibility is assumed by our company as to the infringement upon any such right owned by any other company which may arise as a result of the use of technical information described in this book. (3) the products described in this book are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the prod- ucts may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (4) the products and product specifications described in this book are subject to change without notice for modification and/or im- provement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (5) when designing your equipment, comply with the range of absolute maximum rating and the guaranteed operating conditions (operating power supply voltage and operating environment etc.). especially, please be careful not to exceed the range of absolute maximum rating on the transient state, such as power-on, power-off and mode-switching. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (6) comply with the instructions for use in order to prevent breakdown and characteristics change due to external factors (esd, eos, thermal stress and mechanical stress) at the time of handling, mounting or at customer's process. when using products for which damp-proof packing is required, satisfy the conditions, such as shelf life and the elapsed time since first opening the packages. (7) this book may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/


▲Up To Search▲   

 
Price & Availability of MN3726AT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X